PART |
Description |
Maker |
2N1493 2N1410 2N335 2N337 2N333 2N2537 2N3510 2N36 |
5-Pin, Multiple-Input, Programmable Reset ICs TRANSISTOR | BJT | NPN | 25MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 20MA I(C) | TO-5 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 10V V(BR)CEO | 500MA I(C) | TO-52 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 500MA I(C) | TO-105 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 50MA I(C) | TO-72 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 6V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 7V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 35V V(BR)CEO | 800MA I(C) | TO-5 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 TRANSISTOR | BJT | NPN | 45V V(BR)CEO | 300MA I(C) | TO-5
|
Weidmuller, Corp.
|
CIL148C CIL148A CIL148B CIL476 CIL768 CIL769 CIL61 |
TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 200MA I(C) | TO-106 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 200MA I(C) | TO-105 TRANSISTOR | BJT | NPN | 12V V(BR)CEO | TO-106 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 200MA I(C) | TO-106 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | TO-106 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 200MA I(C) | TO-106 晶体管|晶体管|叩| 60V的五(巴西)总裁| 200mA的一(c)|06 TRANSISTOR | BJT | NPN | 45V V(BR)CEO | 200MA I(C) | TO-106 晶体管|晶体管|叩| 45V的五(巴西)总裁| 200mA的一(c)|06 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | TO-106 TRANSISTOR | BJT | NPN | 32V V(BR)CEO | 200MA I(C) | TO-106 TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 200MA I(C) | TO-106 TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 200MA I(C) | TO-106
|
Electronic Theatre Controls, Inc.
|
UPA812T-T1 UPA812 UPA812T UPA812TGB-T1 PA812T |
Low Noise, High Frequncy Amplifer NPN Transistor(楂??浣??澹版?澶у?NPN?朵?绠? Low Noise, High Frequncy Amplifer NPN Transistor(高频低噪声放大器NPN晶体 HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4227 SMALL MINI MOLD TRANSISTOR | BJT | PAIR | NPN | 10V V(BR)CEO | 65MA I(C) | SOT-363
|
NEC[NEC] NEC Corp.
|
2N2916 2N2914 2N2918 2N2914CECC 2N2918CECC |
DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE Dual NPN Planar Transistor in a TO-77 Hermetic Package(双晶体管TO-77陶瓷封装 NPN 30 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-77 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 30 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-77
|
Seme LAB TT electronics Semelab Limited TT electronics Semelab, Ltd.
|
CA3096_04 CA3096 CA3096A CA3096AE CA3096AM CA3096A |
NPN/PNP Transistor Array, High Voltage, Enhanced Icbo, Iceo and Vce(sat) NPN/PNP Transistor Array, High Voltage, General Purpose, Relaxed Parameters NPN/PNP Transistor Arrays 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-012AC 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-001BB
|
INTERSIL[Intersil Corporation]
|
BC550C BC550C_RR BC549 BC549C BC550 |
TRANSISTORSOT-54
TRANSISTOR|BJT|NPN|45VV(BR)CEO|100MAI(C)|TO-92
NPN general purpose transistors 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
http:// PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
PBSS4350SS115 |
50 V, 2.7 A NPN/NPN low VCEsat (BISS) transistor; Package: SOT96-1 (SO8); Container: Tape reel smd 2700 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
FTM3725 |
NPN General Purpose Amplifier NPN Transistor 1200 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, MS-012AC
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
2SC5346 2SC5346S |
TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 50MA I(C) | SC-71VAR 50 mA, 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR Silicon NPN epitaxial planer type(For low-frequency high breakdown voltage amplification)
|
Panasonic, Corp. Matsshita / Panasonic Panasonic Semiconductor
|
2SB1516F5/NP 2SA1727F5/NP 2SD1918F5/NP 2SD1767T101 |
3000 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR 500 mA, 400 V, PNP, Si, SMALL SIGNAL TRANSISTOR 1500 mA, 160 V, NPN, Si, SMALL SIGNAL TRANSISTOR 0.7 A, 80 V, NPN, Si, POWER TRANSISTOR 3000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR 5 A, 20 V, PNP, Si, POWER TRANSISTOR 1 A, 32 V, NPN, Si, POWER TRANSISTOR 2000 mA, 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
International Rectifier, Corp. Dielectric Laboratories, Inc.
|
MPSH10PSTOA FXT3866STZ UZTX415STOA UZTX415STOB ZTX |
UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR TO-92 COMPATIBLE, E-LINE PACKAGE-3 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR 200 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. Zetex Semiconductor PLC ZETEX PLC DIODES INC
|
PBSS303ND PBSS303ND115 |
60 V, 3 A NPN low VCEsat (BISS) transistor 603安NPN低饱和压BISS)晶体 60 V, 3 A NPN low VCEsat (BISS) transistor; Package: SOT457 (SC-74); Container: Tape reel smd 1000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
|